PART |
Description |
Maker |
M22-6013005 |
PC/104 Plus Non-stackthrough Connector, 2mm Pitch, gold 120 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
A3D-04DA-2DSE A3D-08DA-2DSE A3D-12DA-2DSE A3D-10DA |
2mm Pitch Miniature Connector
|
Hirose Electric
|
A3C-26P-2DSA A3C-48P-2DSA |
2mm Pitch Miniature Connector
|
Hirose Electric
|
RU4DS RH4F RG2A2 RS4FS RH2D RC3B2 RU4D FMP-G5HS FM |
Damper Diodes . Shield Bonded between Polyester Outer & Polyethylene Inner Layers RoHS Compliant: NA CONN 24POS 2MM SOCKET R/A PC MT SDR Cable Assembly; Connector Type A:micro D Ribbon Plug; Connector Type B:micro D Ribbon Plug; Cable Length:5m; No. of Contacts:26; Pitch Spacing:0.8mm RoHS Compliant: Yes 3M 150220-6002TB SDR Cable Assembly; Connector Type A:micro D Ribbon Plug; Connector Type B:micro D Ribbon Plug; Cable Length:2m; No. of Contacts:26; Pitch Spacing:0.8mm RoHS Compliant: Yes CONN 24POS 2MM SOCKET STR PC SMD CONN 20POS 2MM SOCKET VERT PC MT Wire-To-Board Connector; No. of Contacts:20; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 阻尼二极 Hard Hat; Color:Red; Pack Quantity:1 RoHS Compliant: NA 阻尼二极 Fast-Recovery Rectifier Diodes (1300V and over)
|
List of Unclassifed Man... Unknow http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. Sanken
|
A4B-16PA-2DSA A3B-04PA-2DS A3B-04PA-2DSA A3B-06PA- |
2mm Pitch Miniature Connector 2毫米间距微型连接
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
A3-GPIN A4B-05PA-2DSA A3C-16DA-2DSC A4B-15PA-2DSA |
2mm Pitch Miniature Connector 2mm Pitch Miniature Connector
|
List of Unclassifed Man...
|
DF3-2S-2C DF3-2S-2R26 DF3-2S-2R261 DF3-2S-2R28 DF3 |
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
|
Hirose Electric
|
51110-2450 51110-1250 51110-1050 51110-2651 51110- |
Multipole Connector; Gender:Male; Number of Contacts:24; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079" 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:12; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:10; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLUG,26 Contacts,0.079 Pitch 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:16; Series:Milli-Grid; Body Material:Glass-filled Polyester; No. of Rows:2; Pitch Spacing:0.079" RoHS Compliant: Yes 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CONN HOUSING 2MM 18POS POLARIZED 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE CRIMP HOUSING, M/GRID 16WAY ; Ways, No. of:16; Approval Bodies:UL, CSA; Contacts, No. of:16; Current rating:1A; Dielectric strength, VAC:500V; Flammability rating:UL94V-0; Housing type:Black G.F. Polyester; Pitch:2mm; Resistance,
|
Molex, Inc. MOLEX INC
|
39-30-1221 39-30-0244 39-30-7165 39-30-1061 39-30- |
Header; No. of Contacts:22; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA RD/ Pegs 30 Au V-0 24 Ckt 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 16 Ckt Mini-Fit Jr R/A Header 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,6 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:0.165"; Number of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Multipole Connector; Number of Contacts:8; Pitch Spacing:4.20mm; Number of Rows:2; Series:5569; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Through Hole; Contact Finish:Gold 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Mini Fit Jr RA Header Assy w/pegs 18 Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:20; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 24POS 4.2MM R/A GOLD 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA DR/Pegs 30 Au V-2 20 Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,20 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA 30 SAu Header Assy 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 22POS 4.2MM R/A TIN 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA DR/Pegs 30 Au V-2 14 Ckt 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 6CKT MINIFIT ASSEMBLY A556906A2GS 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA SR /Pegs TinV2Blk 6Ckt A-5569-12A2S
|
Molex, Inc. MOLEX INC
|
87340-1422 87340-0622 |
Header; No. of Contacts:14; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Surface Mount 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Surface Mount 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
87759-1250 87759-2250 87759-1251 87759-3050 87759- |
CONN HEADER 12POS 2MM VERT SMD 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 22POS 2MM VERT SMD 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2mm MGrid Hdr SMT D/R W/Pg .76AuLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 30POS 2MM VERT SMD 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2mm MGrid Hdr SMT D/R W/Pg .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
TCMD-12-S-12.00-01 TCMD-25-S-12.00-01 TCMD-22-S-12 |
CABLE ASSEM 2MM 24PS SGL END 12,1 24 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC CABLE ASSEM 2MM 50PS SGL END 12,1 50 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC CABLE ASSEM 2MM 44PS SGL END 12,1 44 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC CABLE ASSEM 2MM 10PS SGL END 12,1 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC CABLE ASSEM 2MM 34PS SGL END 12,1 34 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC
|
Samtec, Inc.
|
|